smartrack fixed heavy-duty toolless mount shelf (250 lb/113 kg capacity; 26 in./660 mm depth) model number: SRSHELF4PHDTM description tripp lite's smartrack fixed heavy-duty shelf SRSHELF4PHDTM accommodates tower units, monitors and other equipment. the fixed, heavy-duty shelf offers 25.5 inches of shelf depth and supports up to 250lbs. SRSHELF4PHDTM is designed for 4-post, toolless, rack mounting. features ideal for adding extra flat surfaces or shelf space in 4-post rack enclosures supports a load of up to 250 lb 25.5 inch shelf depth (fully closed) / 40.75 inch shelf depth (fully open) to accommodate a wide variety of equipment vented design increases airflow to sensitive equipment heavy-duty, cold-rolled steel construction with black finish snap-in toolless mounting 5-year warranty specifications physical shipping dimensions (hwd / in.) 4 x 20 x 27 shipping dimensions (hwd / cm) 10.16 x 50.8 x 68.58 shipping weight (lbs.) 18 shipping weight (kg) 8.16 unit dimensions (hwd / in.) 1.73 x 19 x 26.10 unit dimensions (hwd / cm) 4.39 x 48.26 x 66.29 unit weight (lbs.) 16.5 highlights fixed heavy-duty shelf supports up to 250 lbs. designed for 4-post rack toolless mounting accommodates tower units, monitors, and other equipment package includes shelf 1 / 2
unit weight (kg) 7.48 warranty product warranty period (worldwide) 5-year limited warranty ? 2015 tripp lite. all rights reserved. all product and company names are trademarks or registered trademarks of their respective holders. use of them does not imply any affiliation with or endorsement by them. tripp lite has a policy of continuous improvement. specifications are subject to change without notice. tripp lite uses primary and third-party agencies to test its products for compliance with standards. see a list of tripp lite's testing agencies: http://www.tripplite.com/products/product-certification-agencies 2 / 2
|